PART |
Description |
Maker |
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MC74LCX244 MC74LCX244DT MC74LCX244DW MC74LCX244M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
VL-MM9-4SBN |
4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
|
List of Unclassifed Manufacturers
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|
74LVCU04ATTR 74LVCU04A 74LVCU04AM 74LVCU04AMTR |
HEADSET, BOOM, MIC, VOX, T6222; LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MAX4634 MAX4634ETB MAX4634EUB |
Fast, Low-Voltage, 4 Ohm, 4-Channel CMOS Analog Multiplexer 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO10 Fast / Low-Voltage / 4 / 4-Channel CMOS Analog Multiplexer Fast, Low-Voltage, 4, 4-Channel CMOS Analog Multiplexer Fast, Low-Voltage, 4з, 4-Channel CMOS Analog Multiplexer Fast, Low-Voltage, 4? 4-Channel CMOS Analog Multiplexer
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ALD4201 ALD4201DC ALD4201PC ALD4201SC ALD4202M ALD |
CMOS low voltage,low charge injection SPST analog switche CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES Interface IC
|
Advanced Linear Devices, Inc.
|
K6F4016R4E-EF85 K6F4016R4E-F K6F4016R4E-EF70 K6F40 |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 256K x 16bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
NCP500_06 NCP500 NCP500SN185T1 NCP500SN185T1G NCP5 |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator(150 mA锛?CMOS锛????0锛????樊绋冲??? 150 mA CMOS Low Noise Low−Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|